Part Number Hot Search : 
2SD2037 CMS0231 93AA86A NTC20D BZX85C A1208 S16800 MAX13
Product Description
Full Text Search
 

To Download 1N5404GP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
Features
* * * * *
omponents 21201 Itasca Street Chatsworth !"# $
% !"#
1N5400GP THRU 1N5408GP
3 Amp Glass Passivated Rectifier 50 - 1000 Volts
DO-201AD
Low Current Leakage Metalurgically Bonded Construction Low Forward Voltage High Current Capability Glass Passivated Junction
* * *
Maximum Ratings
Operating Temperature: -55C to +150C Storage Temperature: -55C to +150C Maximum Thermal Resistance; 30 C/W Junction To Lead MCC Catalog Number Device Marking Maximum Recurrent Peak Reverse Voltage 50V 100V 200V 400V 600V 800V 1000V Maximum RMS Voltage Maximum DC Blocking Voltage 50V 100V 200V 400V 600V 800V 1000V
D
1N5400GP 1N5401GP 1N5402GP 1N5404GP 1N5406GP 1N5407GP 1N5408GP
---------------
35V 70V 140V 280V 420V 560V 700V
A Cathode Mark B
D
Electrical Characteristics @ 25C Unless Otherwise Specified
Average Forward IF(AV) 3.0A TA = 105C Current Peak Forward Surge IFSM 200A 8.3ms, half sine Current Maximum 1.1V IFM = 3.0A; Instantaneous VF Forward Voltage TJ = 25C* Maximum DC Reverse Current At IR 5.0A TJ = 25C Rated DC Blocking 50A TJ = 125C Voltage Typical Junction CJ 40pF Measured at Capacitance 1.0MHz, VR=4.0V *Pulse test: Pulse width 300 sec, Duty cycle 1%
C
DIMENSIONS INCHES MIN ----.048 1.000 MM MIN ----1.20 25.40
DIM A B C D
MAX .370 .250 .052 ---
MAX 9.50 6.40 1.30 ---
NOTE
www.mccsemi.com
1N5400GP thru 1N5408GP
Figure 1 Typical Forward Characteristics 20 10 6 4 2.5 2 Amps 1 .6 .4 .2 25C .1 .06 .04 .02 .01 .4 .6 .8 Volts Instantaneous Forward Current - Amperesversus Instantaneous Forward Voltage - Volts 1.0 1.2 1.4 0 .5 Amps 1.0 2 3.0
MCC
Figure 2 Forward Derating Curve
1.5
Single Phase, Half Wave 60Hz Resistive or Inductive Load 0 50 75 100 C Average Forward Rectified Current - Amperes versus Ambient Temperature - C 125 150 175
Figure 3 Junction Capacitance
100 60 40 20 pF 10 6 4 2 1 .1 .2 .4 1 Volts 2 4 10 20 40 100 200 400 1000 TJ=25C
Junction Capacitance - pFversus Reverse Voltage - Volts
www.mccsemi.com
1N5400GP thru 1N5408GP
Figure 4 Typical Reverse Characteristics 100 60 40 20 10 6 4 2 Amps 1 .6 .4 .2 .1 .06 .04 .02 .01 20 40 60 80 Volts Instantaneous Reverse Leakage Current - MicroAmperes versus Percent Of Rated Peak Reverse Voltage - Volts 100 120 140 TA=25C Amps 300 250 200 150 100 50 0 1 4 6
MCC
Figure 5 Peak Forward Surge Current
2
8 10 Cycles
20
40
60 80 100
Peak Forward Surge Current - Amperesversus Number Of Cycles At 60Hz - Cycles
www.mccsemi.com


▲Up To Search▲   

 
Price & Availability of 1N5404GP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X